PART |
Description |
Maker |
LX7203-22ISM LX7203-15ISM |
EMI Filter & ESD Protection for Up Stream USB Ports 2 FUNCTIONS, DATA LINE FILTER EMI Filter & ESD Protection for Up Stream USB Ports Integrated EMI Filters and TVS diodes
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
EMIF03-SIM02M8 |
3-line EMI filter and ESD protection for SIM card interfaces EMI Filtering & Signal Conditioning 3 line IPAD, EMI filter for SIM card applications
|
ST Microelectronics, Inc. STMicroelectronics
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
QPI-11LZ-01 |
7 A V隆陇I Chip EMI Filter 7 A V・I Chip EMI Filter 1 FUNCTIONS, 50 V, 7 A, FERRITE CHIP ROHS COMPLIANT, LGA-10
|
Vicor Corporation
|
7443 |
FILTER PASSIVE AUDIO BANDPASS FILTER
|
http://
|
PACTF PAC101TFQR PAC101TFQT PAC201TFQR PAC101101TF |
P/active EMI/RFI tapped filter P/ACTIVE EMI/RFITAPPED FILTER
|
California Micro Devices Corporation
|
ADDC2803SCTV/QMLH ADDC2805SCTV/QMLH 5962-9760101HX |
DC-to-DC Voltage Converter Analog IC 28 V/66 W/100 W DC/DC Converters with Integral EMI Filter 28 V/66 W/100中西区区议会/ DC转换器与积分EMI滤波 28 V/66 W/100 W DC/DC Converters with Integral EMI Filter 3-OUTPUT 66 W DC-DC REG PWR SUPPLY MODULE
|
Analog Devices, Inc.
|
F.LL.D3.016A.SH.R6 F.LL.D3.070A.SN.R1 |
520 V, 50/60 HZ, THREE PHASE EMI FILTER 480 V, 50/60 HZ, THREE PHASE EMI FILTER
|
KEMET ELECTRONICS CORP
|
NUF8600MN NUF8600MNTXG |
8 Line EMI Filter with ESD Protection 8-Channel EMI Filter with Integrated ESD Protection
|
ON Semiconductor
|
NUF8610MN NUF8610 |
8 Line EMI Filter with ESD Protection 8-Channel EMI Filter with Integrated ESD Protection
|
ON Semiconductor
|
4253-003 |
EMI/RFI FILTER Bushing #12 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
|